1 technical data sheet sc male to bnc female adapter confguration connector 1 sc male impedance 1 50 ohms connector 2 bnc female impedance 2 50 ohms adapter design standard body style straight mechanical specifcations temperature operating range,deg c -65 to +165 size length, in [mm] 1.36 [34.54] width/dia., in [mm] 0.8 [20.32] . connector 1 type sc male inner conductor material and plating silver inner conductor plating specifcation qq-s-365 coupling nut material and plating brass, nickel body material and plating brass, nickel dielectric type t efon connector 2 type bnc female inner conductor material and plating silver inner conductor plating specifcation qq-s-365 body material and plating brass, nickel dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/sc-male-bnc-female-straight-adapter-PE9200-p.aspx sc male to bnc female adapter from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. sc male to bnc female adapter PE9200 PE9200 rev
2 ? 2012 pasternack enterprises all rights reserved PE9200 rev sc male to bnc female adapter PE9200 cad drawing
|